Part Number Hot Search : 
12AN3 RUEF800 5NK40 AS5040 11015 12232 ENA1198 IL2412S
Product Description
Full Text Search
 

To Download LM201ADR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2001 february, 2001 rev. 6 1 publication order number: lm301a/d lm301a, lm201a operational amplifiers a general purpose operational amplifier that allows the user to choose the compensation capacitor best suited to his needs. with proper compensation, summing amplifier slew rates to 10 v/ m s can be obtained. ? low input offset current: 20 na maximum over temperature range ? external frequency compensation for flexibility ? class ab output provides excellent linearity ? output short circuit protection ? guaranteed drift characteristics figure 1. standard compensation and offset balancing circuit balance v ee v cc output inverting input balance 10 m w freq compen 30 pf v ee 20 k + non- inverting input 5.1 m w v cc vo v ut v i v ee v cc v lt v ee mz4622 or equiv. vo v o = 4.8 v for v lt v i v ut v o = -0.4 v v i < v lt or v i > v ut (pins not shown are not connected) + inputs balance compensation v cc output v ee balance 25 500 50 80 k 1.0 k 40k 40k 10 k 20 k 5 k 450 250 3.9 v + figure 2. doubleended limit detector figure 3. representative circuit schematic device package shipping ordering information lm301ad so8 98 units/rail lm301an pdip8 lm201ad so8 pdip8 n suffix case 626 1 8 http://onsemi.com 50 units/rail 98 units/rail so8 d suffix case 751 1 8 compensation v cc output balance v ee 4 balance 1 2 3 8 7 6 5 inputs (top view) pin connections LM201ADR2 so8 2500 tape & reel lm301adr2 so8 2500 tape & reel lm201an pdip8 50 units/rail marking diagrams x = 2 or 3 a = assembly location wl, l = wafer lot yy, y = year ww, w = work week 1 8 lmx01an awl yyww alywa lmx01 1 8
lm301a, lm201a http://onsemi.com 2 maximum ratings value rating symbol lm201a lm301a unit power supply voltage v cc, v ee 22 18 vdc input differential voltage v id 30 v input common mode range (note 1.) v icr 15 v output short circuit duration t sc continuous power dissipation (package limitation) p d plastic dualinline package 625 625 mw derate above t a = +25 c 5.0 5.0 mw/ c operating ambient temperature range t a 25 to +85 0 to +70 c storage temperature range t stg 65 to +150 c electrical characteristics (t a = +25 c, unless otherwise noted.) unless otherwise specified, these specifications apply for supply voltages from 5.0 v to 20 v for the lm201a, and from 5.0 v to 15 v for the lm301a. lm201a lm301a characteristic symbol min typ max min typ max unit input offset voltage (r s 50 k w ) v io 0.7 2.0 2.0 7.5 mv input offset current i io 1.5 10 3.0 50 na input bias current i ib 30 75 70 250 na input resistance r i 1.5 4.0 0.5 2.0 m w supply current i cc ,i ee ma v cc /v ee = 20 v 1.8 3.0 v cc /v ee = 15 v 1.8 3.0 large signal voltage gain a v 50 160 25 160 v/mv (v cc /v ee = 15 v, v o = 10 v, r l > 2.0 k w ) the following specifications apply over the operating temperature range. input offset voltage (r s 50 k w ) v io 3.0 10 mv input offset current i io 20 70 na avg temperature coefficient of input offset voltage (note 2.) d v io / d t 3.0 15 6.0 30 m v/ c t a (min) t a t a (max) avg temperature coefficient of input offset current (note 2.) d i io / d t na/ c +25 c t a t a (max) 0.01 0.1 0.01 0.3 t a (min) t a 25 c 0.02 0.2 0.02 0.6 input bias current i ib 100 300 na large signal voltage gain a vol 25 15 v/mv (v cc /v ee = 15 v, v o = 10v, r l > 2.0 k w ) input voltage range v icr v v cc /v ee = 20 v 15 +15 v cc /v ee = 15 v 12 +12 common mode rejection (r s 50 k w ) cmr 80 96 70 90 db supply voltage rejection (r s 50 k w ) psr 80 96 70 96 db output voltage swing v o 12 14 12 14 v (v cc /v ee = 15 v, r l = 10 k w, r l > 2.0 k w) 10 13 10 13 supply currents (t a = t a (max), v cc /v ee = 20 v) i cc ,i ee 1.2 2.5 ma 1. for supply voltages less than 15 v, the absolute maximum input voltage is equal to the supply voltage. 2. guaranteed by design.
lm301a, lm201a http://onsemi.com 3 c1 = 3.0 pf c1 = 30 pf single-pole compensation figure 4. minimum input voltage range figure 5. minimum output voltage swing figure 6. minimum voltage gain figure 7. typical supply currents figure 8. open loop frequency response figure 9. large signal frequency response v ir , input voltage range (v) v or , output voltage range ( v) a v , voltage gain (db) a v , voltage gain (db) cc ee , supply currents (ma) ii , v cc , ( -v ee ), supply voltage (v) v cc , ( -v ee ), supply voltage (v) v cc , ( -v ee ), supply voltage (v) v cc , ( -v ee ), supply voltage (v) f, frequency (hz) f, frequency (hz) phase gain c1 = 3.0 pf c1 = 30 pf 20 16 12 8.0 4.0 0 0 5.0 10 15 20 20 16 12 8.0 4.0 0 0 5.0 10 15 20 0 5.0 10 15 20 0 5.0 10 15 20 100 94 88 82 76 70 2.5 2.0 1.5 1.0 0.5 0 1.0 k 10 k 100 k 1.0 m 10 m 1.0 10 100 1.0 k 10 k 100 k 1.0 m 10 m 315 270 225 180 135 90 45 0 180 160 140 120 100 80 60 40 20 0 -20 15 10 5.0 0 minimum r l = 10 k minimum r l = 2.0 k t a = +25 c single-pole compensation v or , output voltage range ( v) negative positive applicable to the specified operating temperature ranges applicable to the specified operating temperature ranges applicable to the specified operating temperature ranges lm201a only lm201a only lm201a only lm201a only
lm301a, lm201a http://onsemi.com 4 figure 10. voltage follower pulse response figure 11. open loop frequency response figure 12. large signal frequency response figure 13. inverter pulse response figure 14. singlepole compensation figure 15. feedforward compensation t, time ( m s) t, time ( m s) f, frequency (hz) f, frequency (hz) v ir , v or voltage range ( , v) a v , voltage gain (db) phase lag (degrees) 10 8.0 6.0 4.0 2.0 0 -2.0 -4.0 -6.0 -8.0 -10 0 1020304050 60708090 140 120 100 80 60 40 20 0 -20 10 100 1.0 k 10 k 100 k 1.0 m 10 m 100 m 10 8.0 6.0 4.0 2.0 0 -2.0 -4.0 -6.0 -8.0 -10 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 1.0 m 10 m 100 k 0 18 16 12 8.0 4.0 225 180 135 90 45 0 balance 1 4 v ee r2 r1 r3 2 3 7 6 8 c1 v cc vo -vi +v i frequency compensation c2 r2 r1 v i r3 c1 150 pf balance v ee vo 2 3 6 7 4 1 c2 = 1 2 p f o r2 f o = 3.0 mhz + + c1 r1 c s r1 +r2 c s = 30 pf v cc v or , output voltage range ( v) single-pole compensation output input v or , output voltage range ( v) feedforward compensation 0 output input feedforward compensation phase gain feedforward compensation
lm301a, lm201a http://onsemi.com 5 package dimensions pdip8 n suffix case 62605 issue l notes: 1. dimension l to center of lead when formed parallel. 2. package contour optional (round or square corners). 3. dimensioning and tolerancing per ansi y14.5m, 1982. 14 5 8 f note 2 a b t seating plane h j g d k n c l m m a m 0.13 (0.005) b m t dim min max min max inches millimeters a 9.40 10.16 0.370 0.400 b 6.10 6.60 0.240 0.260 c 3.94 4.45 0.155 0.175 d 0.38 0.51 0.015 0.020 f 1.02 1.78 0.040 0.070 g 2.54 bsc 0.100 bsc h 0.76 1.27 0.030 0.050 j 0.20 0.30 0.008 0.012 k 2.92 3.43 0.115 0.135 l 7.62 bsc 0.300 bsc m --- 10 --- 10 n 0.76 1.01 0.030 0.040  so8 d suffix case 75107 issue w seating plane 1 4 5 8 n j x 45  k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. a b s d h c 0.10 (0.004) dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 x y g m y m 0.25 (0.010) z y m 0.25 (0.010) z s x s m 
lm301a, lm201a http://onsemi.com 6 notes
lm301a, lm201a http://onsemi.com 7 notes
lm301a, lm201a http://onsemi.com 8 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com tollfree from mexico: dial 018002882872 for access then dial 8662979322 asia/pacific : ldc for on semiconductor asia support phone : 3036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. lm301a/d north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk, ireland


▲Up To Search▲   

 
Price & Availability of LM201ADR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X